PART |
Description |
Maker |
A4BQ800 A4BQ300 |
TIME DELAY BLOW ELECTRIC FUSE, 800A, 600VAC, 600VDC, 200000A (IR), INLINE/HOLDER TIME DELAY BLOW ELECTRIC FUSE, 300A, 600VAC, 200000A (IR), INLINE/HOLDER
|
MERSEN
|
SP2/6125TD4A |
TIME DELAY BLOW ELECTRIC FUSE, 4A, 125VAC, 60VDC, 50A (IR), SURFACE MOUNT
|
Cooper Bussmann, Inc.
|
ATQR20 |
TIME DELAY BLOW ELECTRIC FUSE, 20A, 600VAC, 200000A (IR), INLINE/HOLDER
|
MERSEN
|
FLNR110 |
TIME DELAY BLOW ELECTRIC FUSE, 110A, 250VAC, 125VDC, 200000A (IR), INLINE/HOLDER
|
|
5STP1 5STP10 5STP100 5STP160 5STP2 5STP2.5 5STP200 |
Fuses, 63mA 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 0.063A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, 6.3A 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 6.3A, 250VAC, 35A (IR), INLINE/HOLDER Fuses, 4A 250V T IEC GLASS 5X20 TIME LAG BLOW ELECTRIC FUSE, 4A, 250VAC, 35A (IR), INLINE/HOLDER TIME-LAG FUSE SERIES (LOW BREAKING CAPACITY)
|
Bel Fuse, Inc. BEL[Bel Fuse Inc.]
|
ACK15 ALS250 |
TIME DELAY BLOW ELECTRIC FUSE, 15A, 125VAC, 125VDC, 10000A (IR), INLINE/HOLDER ELECTRIC FUSE, 250A, 125VAC, 125VDC, 10000A (IR), INLINE/HOLDER
|
MERSEN
|
S506-3.15-R S500-100-R COOPERINDUSTRIES-S506-V-630 |
FUSE, ANTISURGE 3.15A TIME DELAY BLOW ELECTRIC FUSE, 3.15A, 250VAC, 35A (IR), INLINE/HOLDER FUSE, QUICK BLOW 10 Cartridge Fuse; Current Rating:3.15A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:5 x 20 mm; Body Material:Glass; Diameter:5.2mm; Fuse Terminals:Ferrule; Length:20mm; Packaging:Bulk; Series:S500 FAST BLOW ELECTRIC FUSE, 0.2A, 250VAC, 35A (IR), THROUGH HOLE Cartridge Fuse; Current Rating:6.3A; Voltage Rating:250V; Fuse Type:Fast Acting; Fuse Size/Group:5 x 20 mm; Body Material:Glass; Diameter:5.2mm; Fuse Terminals:Ferrule; Length:20mm; Packaging:Bulk; Series:S500 Cartridge Fuse; Current Rating:4A; Voltage Rating:250V; Fuse Type:Time Delay; Fuse Size/Group:5 x 20 mm; Body Material:Glass; Diameter:5.2mm; Fuse Terminals:Ferrule; Length:20mm; Packaging:Bulk; Series:S506
|
Cooper Bussmann, Inc. COOPER INDUSTRIES
|
0251.250PRT1HF 0251.125PRT1HF 0251.062PRT1HF 0251. |
VERY FAST BLOW ELECTRIC FUSE, 0.25A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE HALOGEN FREE AND ROHS COMPLIANT VERY FAST BLOW ELECTRIC FUSE, 0.125A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE HALOGEN FREE AND ROHS COMPLIANT VERY FAST BLOW ELECTRIC FUSE, 0.062A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE HALOGEN FREE AND ROHS COMPLIANT VERY FAST BLOW ELECTRIC FUSE, 0.375A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE HALOGEN FREE AND ROHS COMPLIANT VERY FAST BLOW ELECTRIC FUSE, 12A, 32VAC, 32VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 7A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 1A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 15A, 32VAC, 32VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 1.5A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 10A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE VERY FAST BLOW ELECTRIC FUSE, 3A, 125VAC, 125VDC, 50A (IR), THROUGH HOLE
|
3M Company
|
KLPC3500 KLPC6000 KLPC650 KLPC700 KLPC5000 KLPC100 |
KLPC series POWR-PRO class L fuse. Time-delay. 3500A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 350A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 6000A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 650A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 700A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 5000A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1000A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1200A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1100A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1300A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1350A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1400A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1500A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1800A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1600A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 1900A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 200A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 2000A, 600VAC, 480VDC. KLPC series POWR-PRO class L fuse. Time-delay. 900A, 600VAC, 480VDC.
|
Littelfuse
|
FLQ8_10 FLQ FLQ1_10 FLQ1_2 FLQ1_4 FLQ1_8 FLQ10 FLQ |
SLOW BLOW ELECTRIC FUSE, 1.5A, 500VAC, 10000A (IR), INLINE/HOLDER Axial Lead and Cartridge Fuses - Midget TNPW, 0603, 23.2 kOhm, 0.1%, 25 ppm Multiconductor Cable; Number of Conductors:2; Conductor Size AWG:16; No. Strands x Strand Size:19 x 29; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes; Capacitance:33pF/ft; Conductor Material:Copper RoHS Compliant: Yes COMPUTER ACCESSORY CONNECTOR ACCESSORY SLOW BLOW ELECTRIC FUSE, 10A, 500VAC, 10000A (IR), INLINE/HOLDER SLOW BLOW ELECTRIC FUSE, 7A, 500VAC, 10000A (IR), INLINE/HOLDER SLOW BLOW ELECTRIC FUSE, 3.2A, 500VAC, 10000A (IR), INLINE/HOLDER
|
LITTELFUSE[Littelfuse] Littelfuse, Inc.
|
|